|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Coaxial Low Pass Filter DC to 105 MHz (40 dB Isolation up to 20 GHz) Maximum Ratings Operating Temperature Storage Temperature RF Power Input* -55C to 100C -55C to 100C 10W max. at 25C NEW ! VLFX-105 Features * * * * * * very good isolation, 40 dB up to 20 GHz 21 sections temperature stable LTCC internal structure patent pending re-entry frequency > 20 GHz rugged stainless steel unibody CASE STYLE: FF1118 PRICE: $ 39.95 ea. QTY (1-9) *Passband rating, derate linearly to 3.5W at 100C ambient. Applications * * * * Outline Drawing harmonic rejection transmitters/receivers lab use test instrumentation Low Pass Filter Electrical Specifications @ 25C MODEL NO. PASSBAND (MHz) (Loss < 1.2dB) Max. VLFX-105 DC-105 fco, MHz Nom (Loss 3 dB) Typ 165 STOPBAND (MHz) (Loss, dB) f20 Min. 250 f40 Typ. 400-20000 VSWR (:1) Stopband Typ. 10 Passband Typ. 1.2 NO. OF SECTIONS 21 Typical Performance Data @ 25C Outline Dimensions ( B .39 9.91 D 2.67 67.82 E .312 7.92 inch mm ) wt. grams 17.0 Frequency (MHz) 50 80 105 114 120 140 160 200 230 400 Insertion Loss (dB) 0.63 0.81 1.00 1.13 1.22 1.51 2.67 6.70 22.91 42.35 46.66 50.37 67.08 72.46 70.98 63.56 79.87 68.30 84.80 67.90 VSWR (:1) 1.13 1.12 1.13 1.17 1.19 1.32 1.58 4.53 7.43 21.10 24.83 39.03 49.17 26.01 18.90 6.76 2.45 6.09 6.95 14.23 Functional Schematic RF IN RF OUT 500 750 1000 2500 5000 7500 10000 12000 16000 20000 Typical Frequency Response ATTENUATION (dB) 40 dB 20 dB 120 VLFX-105 INSERTION LOSS VLFX-105 VSWR 100 3 dB 1 dB fco f20 f40 FREQUENCY >20 GHz INSERTION LOSS(dB) 100 80 60 40 20 0 0 4000 8000 12000 16000 20000 FREQUENCY (MHz) VSWR 10 1 0 4000 8000 12000 16000 20000 REV. OR M96318 VLFX-105 EDU-0399 ED-11930A/2 URJ/AD/CP 050119 FREQUENCY (MHz) Distribution Centers NORTH AMERICA 800-654-7949 * 417-335-5935 * Fax 417-335-5945 * EUROPE 44-1252-832600 * Fax 44-1252-837010 Mini-Circuits (R) INTERNET http://www.minicircuits.com P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 Mini-Circuits ISO 9001 & ISO 14001 Certified |
Price & Availability of VLFX-105 |